Part Number Hot Search : 
B4406 N8050 204A17 LA8200M FAN3100T 2SK1167 SR3050 BOURNS
Product Description
Full Text Search
 

To Download EDZ91B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EDZ6.2B
Diodes
Zener diode
EDZ6.2B
Applications Constant voltage control External dimensions (Unit : mm)
0.80.05 0.120.05
Land size figure (Unit : mm)
0.8 0.6
Features 1) 2-pin ultra mini-mold type for high-density mounting (EMD2). 2) High reliability. 3) Can be mounted automatically, using chip mounter.
0.30.05
1.20.05
1.60.1
MD2
Structure Construction Silicon epitaxial planar
0.60.1
ROHM : EMD2 JEDEC :SOD-523 JEITA : SC-79 Mark EX. EDZ3.6B
Taping specifications (Unit : mm)
0.20.05 4.00.1 2.00.05 1.50.05
3.50.05
1.750.1
8.00.15
1.30.06 0
1.260.05 0 0.2 0.760.05
2.450.1
0.5 0.950.06 0 ket 4.00.1 Empty poc 2.00.05
Absolute maximum ratings (Ta=25C)
Parameter Power dissipation Junction temperature Storage temperature Operating temperature Symbol P Tj Tstg Topr Limits 150 150 -55 to +150 -55 to +150 Unit mW
0.6
Rev.C
1.7
1/4
EDZ6.2B
Diodes
Electrical characteristics (Ta=25C)
Symbol TYP. EDZ 3.6B EDZ 3.9B EDZ 4.3B EDZ 4.7B EDZ 5.1B EDZ 5.6B EDZ 6.2B EDZ 6.8B EDZ 7.5B EDZ 8.2B EDZ 9.1B EDZ 10B EDZ 11B EDZ 12B EDZ 13B EDZ 15B EDZ 16B EDZ 18B EDZ 20B EDZ 22B EDZ 24B EDZ 27B EDZ 30B EDZ 33B EDZ 36B
Zener voltage Vz(V)
Operating resistance Zz()
Rising operating resistance Zz()
Reverse current IR(uA)
MIN. 3.600 3.890 4.170 4.550 4.980 5.490 6.060 6.650 7.280 8.020 8.850 9.770 10.760 11.740 12.910 14.340 15.850 17.560 19.520 21.540 23.720 26.190 29.190 32.150 35.070
MAX. 3.845 4.160 4.430 4.750 5.200 5.730 6.330 6.930 7.600 8.360 9.230 10.210 11.220 12.240 13.490 14.980 16.510 18.350 20.390 22.470 24.780 27.530 30.690 33.790 36.870
Iz(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0
MAX. 100 100 100 100 80 60 60 40 30 30 30 30 30 30 37 42 50 65 85 100 120 150 200 250 300
Iz(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0
MAX. 1000.0 1000.0 1000.0 800.0 500.0 200.0 100.0 60.0 60.0 60.0 60.0 60.0 60.0 80.0 80.0 80.0 80.0 80.0 100.0 100.0 120.0 150.0 200.0 250.0 300.0
Iz(mA) 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
MAX. 10.0 5.0 5.0 2.0 2.0 1.0 1.0 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
VR(V) 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0
Type No.
TYPE EDZ3.6B EDZ3.9B EDZ4.3B EDZ4.7B EDZ5.1B EDZ5.6B EDZ6.2B EDZ6.8B EDZ7.5B EDZ8.2B EDZ9.1B EDZ10B EDZ11B TYPENO.
62 72 82 92 A2 C2 E2 F2 H2 J2 L2 05 15
TYPE EDZ12B EDZ13B EDZ15B EDZ16B EDZ18B EDZ20B EDZ22B EDZ24B EDZ27B EDZ30B EDZ33B EDZ36B
TYPENO.
25 35 45 55 65 75 85 95 A5 C5 E5 F5
Rev.C
2/4
EDZ6.2B
Diodes
Electrical characteristic curves (Ta=25C)
10
1
ZENER CURRENT:Iz(mA)
0.1
4.7 0.01 4.3 3.9 5.6 3.6
5.1 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16
18
20 22 24 27 30 33 36
0.001 0 5 10 15 20 ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS 25 30 35 40
160 POWER DISSIPATION:Pd(mW) 140
10000 PRSM t
120 100 80 60 40 20 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Pd-TaCHARACTERISTICS 0.12 0.1 40 35 30 25 20 15 10 5 0 -5 0 10 20 30 ZENER VOLTAGEVz(V) z-Vz CHARACTERISTICS 40
REVERSE SURGE MAXIMUM POWER:PRSM(W)
1000
100
10
1
0.1 0.001
0.01
0.1
1
10
100
TIME:t(ms) PRSM-TIME CHARACTERISTICS 1000 Rth(j-a) TRANSIENT THAERMAL IMPEDANCE:Rth (/W) TEMP.COEFFICIENCE:z(mV/) 100
TEMP.COEFFICIENCE:z(/)
0.08 0.06 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08
Rth(j-c) 10
Mounted on epoxy board IM=10mA IF=100mA
1
1ms time 300us
0.1 0.001
0.01
0.1 1 10 100 TIME:t(s) Rth-t CHARACTERISTICS
1000
Rev.C
3/4
EDZ6.2B
Diodes
10 Ta=25 REVERSE CURRENT:IR(nA) ZENER CURRENT:Iz(mA) 1 Ta=-25 Ta=75 0.1 Ta=125
1000 Ta=125 Ta=75 Ta=25 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 100 10 1 0.1 0.01 0.001 Ta=-25
100 f=1MH f=1MH
10
0.01
0.001 5 5.5 6 6.5 ZENER VOLTAGEVz(V) Vz-Iz CHARACTERISTICS 7
0.0001 0 0.5 1 1.5 2 2.5 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 3
1 0 1 2 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 3
6.5 REVERSE CURRENT:IR(nA) 6.4 6.3 6.2 6.1 6 Vz DISPERSION MAP AVE:6.194V Ta=25 IZ=5mA n=30pcs
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
100 Ta=25 VR=3.0V n=30pcs 90 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 80 70 60 50 40 30 20 10 0 AVE:35.8pF Ta=25 f=1MHz VR=0V n=10pcs
ZENER VOLTAGE:Vz(V)
AVE:0.138nA
IR DISPERSION MAP
Ct DISPERSION MAP
100 DYNAMIC IMPEDANCE:Zz()
10
1 0.1 1 ZENER CURRENT:Iz(mA) Zz-Iz CHARACTERISTICS 10
Rev.C
4/4
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of EDZ91B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X